Part Number Hot Search : 
OPB355T 16X5R 2760AS 0CTQ1 SI4435 M29F10 BU2993FV KLQ03
Product Description
Full Text Search
 

To Download T61-C600X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surge arrester T61-C600X 3-electrode-arrester ordering code: b88069x8820b102 ab e / ab pm issue 02, 23.05.2002 page 1 of 2 dc spark-over voltage 1) 2) 4) 420 ... 700 v impulse spark-over voltage 4) at 100 v/s - for 99 % of measured values - typical values of distribution at 1 kv/s - for 99 % of measured values - typical values of distribution < 900 < 800 < 1000 < 900 v v v v nominal impulse discharge current (wave 8/20 s) 5) single impulse discharge current (wave 8/20 s) 5) 20 30 ka ka nominal alternating discharge current (50 hz, 1 s) 5) alternating discharge current (50 hz, 9 cycles) 5) 20 130 a a insulation resistance at 100 v dc 4) >10 g w capacitance at 1 mhz 4) <1.5 pf transverse delay time 3) <0.2 s arc voltage at 1 a glow to arc transition current glow voltage ~35 ~1 ~ 200 v a v weight ~ 3.5 g operation and storage temperature -40 ... +90 c climatic category (iec 60068-1) 40/ 90/ 21 marking, green 600 yy o 600 - nominal voltage yy - year of production o-nonradioactive 1) at delivery aql 0.65 level ii, din iso 2859 2) in ionized mode 3) test according to itu-t rec. k.12 4) tip or ring electrode to center electrode 5) total current through center electrode, half value through tip respectively ring electrode. terms in accordance with itu-t rec. k.12 and din 57845/vde0845
surge arrester T61-C600X 3-electrode-arrester ordering code: b88069x8820b102 epcos ag 2002. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. purchase orders are subject to the general conditions for the supply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and electronic manufacturers' association), unless otherwise agreed. ab e / ab pm issue 02, 23.05.2002 page 2 of 2 not to scale dimensions in mm non contro l led documen t


▲Up To Search▲   

 
Price & Availability of T61-C600X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X